Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0807550 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0807550
Description  UC-WMCO 2,1 (21X3) BU - Conductor marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807550 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0807550 Datasheet HTML 1Page - PHOENIX CONTACT 0807550 Datasheet HTML 2Page - PHOENIX CONTACT 0807550 Datasheet HTML 3Page - PHOENIX CONTACT 0807550 Datasheet HTML 4Page - PHOENIX CONTACT 0807550 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, Sheet, blue, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, cable diameter range: 1.
6 ... 2.1 mm, mounting type: slide-on, Number of individual labels: 40, text field height: 3 mm, text
field width: 21 mm
Your advantages
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing systems
•
The UC-WMCO ... UniCard labeling range includes thread-on markers for the subsequent labeling of conductors by simply sliding them on using
the UC-WMCO ... TOOL
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Secure tight fit even in the event of vibrations
•
Large-surface labeling option in a space-saving design
•
The sheets provide space for including function texts
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0807550
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2217
GTIN
4046356444798
Weight per piece (including packing)
10.57 g
Weight per piece (excluding packing)
10 g
Country of origin
PL
UC-WMCO 2,1 (21X3) BU - Conductor marker
0807550
https://www.phoenixcontact.com/us/products/0807550
Jul 15, 2025, 12:31AM
Page 1 (5)


Similar Part No. - 0807550

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08075062 LITTELFUSE-08075062 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
08075063 LITTELFUSE-08075063 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
08075064 LITTELFUSE-08075064 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
08075100 LITTELFUSE-08075100 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
08075160 LITTELFUSE-08075160 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
More results

Similar Description - 0807550

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818645 PHOENIX-0818645 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 8 BU
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com