Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC139APWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC139APWR
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC139APWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC139APWR Datasheet HTML 1Page - Texas Instruments SN74LVC139APWR Datasheet HTML 2Page - Texas Instruments SN74LVC139APWR Datasheet HTML 3Page - Texas Instruments SN74LVC139APWR Datasheet HTML 4Page - Texas Instruments SN74LVC139APWR Datasheet HTML 5Page - Texas Instruments SN74LVC139APWR Datasheet HTML 6Page - Texas Instruments SN74LVC139APWR Datasheet HTML 7Page - Texas Instruments SN74LVC139APWR Datasheet HTML 8Page - Texas Instruments SN74LVC139APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
GQN OR ZQN PACKAGE
(TOP VIEW)
1
2
3
4
A
B
C
D
E
Select
Inputs
Select
Inputs
2B
2A
2G
1B
1A
1G
Data
Outputs
2Y3
2Y2
2Y1
2Y0
1Y3
1Y2
1Y1
1Y0
1
2
3
15
14
13
4
5
6
7
12
11
10
9
Pin numbers shown are for the D, DB, DGV, NS, PW, and RGY packages.
SN74LVC139A
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SCAS341O – MARCH 1994 – REVISED FEBRUARY 2005
TERMINAL ASSIGNMENTS
1
2
3
4
A
1A
1G
VCC
2G
B
1B
NC(1)
NC(1)
2A
C
1Y1
1Y0
2Y0
2B
D
1Y2
NC(1)
NC(1)
2Y1
E
GND
1Y3
2Y3
2Y2
(1)
NC - No internal connection
FUNCTION TABLE
(EACH DECODER/DEMULTIPLEXER)
INPUTS
OUTPUTS
SELECT
G
B
A
Y3
Y2
Y1
Y0
L
L
L
H
H
H
L
L
L
H
H
H
L
H
L
H
L
H
L
H
H
L
H
H
L
H
H
H
H
X
X
H
H
H
H
LOGIC DIAGRAM (POSITIVE LOGIC)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com