Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC139APWLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC139APWLE
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC139APWLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC139APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC139APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
1A
1B
1Y0
1Y1
1Y2
1Y3
GND
VCC
2G
2A
2B
2Y0
2Y1
2Y2
2Y3
D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
2G
2A
2B
2Y0
2Y1
2Y2
1A
1B
1Y0
1Y1
1Y2
1Y3
DESCRIPTION/ORDERING INFORMATION
SN74LVC139A
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SCAS341O – MARCH 1994 – REVISED FEBRUARY 2005
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
Operates From 1.65 V to 3.6 V
•
ESD Protection Exceeds JESD 22
•
Inputs Accept Voltages to 5.5 V
– 2000-V Human-Body Model (A114-A)
•
Max tpd of 6.2 ns
– 200-V Machine Model (A115-A)
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
– 1000-V Charged-Device Model (C101)
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
This dual 2-line to 4-line decoder/demultiplexer is designed for 1.65-V to 3.6-V VCC operation.
The device comprises two individual 2-line to 4-line decoders in a single package. The active-low enable (G)
input can be used as a data line in demultiplexing applications. This decoder/demultiplexer features fully buffered
inputs, each of which represents only one normalized load to its driving circuit.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVC139ARGYR
LC139A
Tube of 40
SN74LVC139AD
SOIC – D
Reel of 2500
SN74LVC139ADR
LVC139A
Reel of 250
SN74LVC139ADT
SOP – NS
Reel of 2000
SN74LVC139ANSR
LVC139A
SSOP – DB
Reel of 2000
SN74LVC139ADBR
LC139A
–40
°C to 85°C
Tube of 90
SN74LVC139APW
TSSOP – PW
Reel of 2000
SN74LVC139APWR
LC139A
Reel of 250
SN74LVC139APWT
TVSOP – DGV
Reel of 2000
SN74LVC139ADGVR
LC139A
VFBGA – GQN
SN74LVC139AGQNR
Reel of 1000
LC139A
VFBGA – ZQN (Pb-free)
SN74LVC139AZQNR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC139APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC139APWLE TI-SN74LVC139APWLE Datasheet
1Mb / 30P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results

Similar Description - SN74LVC139APWLE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
246Kb / 9P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com