Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-P2 Datasheet(PDF) 1 Page - Unilite

Part # PS-P2
Description  ALUMINIUM LED PENLIGHT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNILITE [Unilite]
Direct Link  https://unilite.com/
Logo UNILITE - Unilite

PS-P2 Datasheet(HTML) 1 Page - Unilite

  PS-P2 Datasheet HTML 1Page - Unilite  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PS-P2
ALUMINIUM LED PENLIGHT
»
110 Lumen white 1W LG LED
»
Convenient detachable pocket clip
»
Tactical rubberised micro switch
»
Multi-faceted reflector for smooth beam
»
Die cast aluminium housing
»
Ultra clear AR coated glass lens
»
Impact resistant to 1M
»
IPX4 water resistant
»
Lightweight and portable
45
METRE
BEAM RANGE
110
LUMENS
OUTPUT
BATTERY
2 x 1.5v AAA Duracell Alkaline (included)
WEIGHT
46g (with batteries)
DIMENSION 14 x 131mm
CONVENIENT POCKET CLIP
AAA
1.5 VOLTS
AAA
1.5 VOLTS
2 X AAA BATTERIES (INC)
MULTI-FACETED REFLECTOR
TACTICAL RUBBERISED SWITCH
IPX4
WATER
RESISTANCE
10
HOURS
RUNTIME
18
PROFESSIONAL LIGHTING GUIDE


Similar Part No. - PS-P2

ManufacturerPart #DatasheetDescription
logo
Unilite
PS-P1 UNILITE-PS-P1 Datasheet
120Kb / 1P
ALUMINIUM POCKET INSPECTION LIGHT
logo
Metcal
PS-PM900 METCAL-PS-PM900 Datasheet
326Kb / 1P
MFR/PS Accessories & Spare Parts
logo
Greystone Energy System...
PS-PMDT GREYSTONE-PS-PMDT Datasheet
318Kb / 2P
DUCT PARTICULATE MATTER SENSOR
PS-PMOS GREYSTONE-PS-PMOS Datasheet
350Kb / 2P
OUTSIDE PARTICULATE MATTER SENSOR
PS-PMRMC GREYSTONE-PS-PMRMC Datasheet
298Kb / 2P
ROOM PARTICULATE MATTER SENSOR
More results

Similar Description - PS-P2

ManufacturerPart #DatasheetDescription
logo
Energizer
P211 ENERGIZER-P211 Datasheet
125Kb / 1P
Penlight
PLED23A ENERGIZER-PLED23A Datasheet
545Kb / 1P
LED Penlight
logo
FIBOX Enclosing innovat...
7811080 FIBOX-7811080 Datasheet
443Kb / 2P
Enclosure, aluminium
11.01.2023
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811290 FIBOX-7811290 Datasheet
59Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
7811390 FIBOX-7811390 Datasheet
439Kb / 2P
Enclosure, aluminium
11.01.2023
7811250 FIBOX-7811250 Datasheet
40Kb / 1P
Enclosure, aluminium
11.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com