Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR01 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 5Page - Vishay Siliconix PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix PR01 Datasheet HTML 10Page - Vishay Siliconix PR01 Datasheet HTML 11Page - Vishay Siliconix PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 10-Sep-15
9
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The maximum permissible hot-spot temperature is 205 °C for PR01, 220 °C for PR02 and 250 °C for PR03.
PR01 Drift nomogram
PR02 Drift nomogram
PR03 Drift nomogram
1.00
0.75
0.50
0.25
P
(W)
amb = 40 °C
70 °C
100 °C
125 °C
155 °C
205 °C
m (°C)
ΔR
0.1 %
0.2
0.5
1.0
2.0
5.0
10
100
000
h
< 1
kΩ
10
000
h
< 30
kΩ
> 30
kΩ
T
T
(W)
2.00
1.50
1.00
0.50
amb = 40 °C
70 °C
100 °C
125 °C
155 °C
220 °C
ΔR
100
000
h
< 1
kΩ
10
5.0
2.0
1.0
0.5
0.2 0.1 %
m (°C)
< 39
kΩ
> 39
kΩ
10
000
h
1000
h
P
T
T
m (°C)
3.00
2.25
1.50
0.75
amb = 40 °C
100 °C
125 °C
155 °C
250 °C
ΔR
100
000
h
> 51
kΩ
10
5.0
2.0
1.0
0.5
0.2 0.1 %
(W)
70 °C
≤ 51
kΩ
< 1
kΩ
10
000
h
1000
h
P
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com