Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7262 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7262 Datasheet HTML 99Page - STMicroelectronics ST7262 Datasheet HTML 100Page - STMicroelectronics ST7262 Datasheet HTML 101Page - STMicroelectronics ST7262 Datasheet HTML 102Page - STMicroelectronics ST7262 Datasheet HTML 103Page - STMicroelectronics ST7262 Datasheet HTML 104Page - STMicroelectronics ST7262 Datasheet HTML 105Page - STMicroelectronics ST7262 Datasheet HTML 106Page - STMicroelectronics ST7262 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 139 page
background image
103/139
12.2.3 Thermal Characteristics
12.3 OPERATING CONDITIONS
12.3.1 General Operating Conditions (standard voltage ROM and Flash devices)
.
Figure 55. fCPU Versus VDD for standard voltage devices
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fCPU, and TA. Refer to Figure 15 on page 21.
Notes:
1. Not tested, guaranteed by design.
2. Not tested in production, guaranteed by characterization.
3. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset. Not tested in production.
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature
175
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating Supply Voltage
fCPU = 8 MHz
45
5.5
VDDA
Analog reference voltage
VDD
VDD
VSSA
Analog reference voltage
VSS
VSS
fCPU
Operating frequency
fOSC = 12MHz
8
MHz
fOSC = 6MHz
4
TA
Ambient temperature range
070
°C
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIT+
Low Voltage Reset Threshold (VDD rising)
VDD Max. Variation 50V/ms
3.6
3.8
3.95
V
VIT-
Low Voltage Reset Threshold (VDD falling)
VDD Max. Variation 50V/ms
3.45
3.65
3.8
V
Vhyst
Hysteresis (VIT+ - VIT-)
120 2)
150 2)
180 2)
mV
VtPOR
VDD rise time rate
3)
0.5
50
V/ms
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.5
3.0
3.5
4
4.5
5
5.5
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
SPECIFIED IN THE
TABLES OF
PARAMETRIC DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com