Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7262 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7262 Datasheet HTML 102Page - STMicroelectronics ST7262 Datasheet HTML 103Page - STMicroelectronics ST7262 Datasheet HTML 104Page - STMicroelectronics ST7262 Datasheet HTML 105Page - STMicroelectronics ST7262 Datasheet HTML 106Page - STMicroelectronics ST7262 Datasheet HTML 107Page - STMicroelectronics ST7262 Datasheet HTML 108Page - STMicroelectronics ST7262 Datasheet HTML 109Page - STMicroelectronics ST7262 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 139 page
background image
106/139
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
12.5.3 External Clock Source
Note:
1. Refer to Figure 58 for more information.
Figure 58. Typical Application with an External Clock Source
12.5.4 Crystal Oscillator Output Drive Level
Figure 59. Typical Application with a Crystal Resonator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSCINH
OSCIN input pin high level voltage
see Figure 58
0.7xVDD
VDD
V
VOSCINL
OSCIN input pin low level voltage
VSS
0.3xVDD
tw(OSCINH)
tw(OSCINL)
OSCIN high or low time 1)
15
ns
tr(OSCIN)
tf(OSCIN)
OSCIN rise or fall time1)
15
IL
OSCx Input leakage current
VSS≤VIN≤VDD
±1
µA
OSCIN
OSCOUT
fOSC
EXTERNAL
ST72XXX
CLOCK SOURCE
Not connected internally
VOSCINL
VOSCINH
tr(OSCIN)
tf(OSCIN)
tw(OSCINH)
tw(OSCINL)
IL
90%
10%
Symbol
Parameter
Conditions
Typ
Unit
POSCOUT
Oscillator OSCOUT pin drive level
At 5V / 25°C
1
mW
OSCOUT
OSCIN
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR
200
Ω<R
S<400Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com