Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4AS646 Datasheet(PDF) 14 Page - Texas Instruments

Part # 4AS646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

4AS646 Datasheet(HTML) 14 Page - Texas Instruments

Back Button 4AS646 Datasheet HTML 10Page - Texas Instruments 4AS646 Datasheet HTML 11Page - Texas Instruments 4AS646 Datasheet HTML 12Page - Texas Instruments 4AS646 Datasheet HTML 13Page - Texas Instruments 4AS646 Datasheet HTML 14Page - Texas Instruments 4AS646 Datasheet HTML 15Page - Texas Instruments 4AS646 Datasheet HTML 16Page - Texas Instruments 4AS646 Datasheet HTML 17Page - Texas Instruments 4AS646 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
SN54ALS646, SN54ALS648, SN54AS646
SN74ALS646A, SN74ALS648A, SN74AS646, SN74AS648
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS039F – DECEMBER 1983 – REVISED JANUARY 1995
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN54AS646
SN74AS646
MIN
MAX
MIN
MAX
fmax*
75
90
MHz
tPLH
CLKBA or CLKAB
AorB
2
9.5
2
8.5
ns
tPHL
CLKBA or CLKAB
A or B
2
10
2
9
ns
tPLH
AorB
BorA
2
11.5
2
9
ns
tPHL
A or B
B or A
1
8
1
7
ns
tPLH
SBA or SAB‡
AorB
2
13.5
2
11
ns
tPHL
SBA or SAB‡
A or B
2
11
2
9
ns
tPZH
OE
AorB
2
11
2
9
ns
tPZL
OE
A or B
3
15
3
14
ns
tPHZ
OE
AorB
2
11
2
9
ns
tPLZ
OE
A or B
2
11
2
9
ns
tPZH
DIR
AorB
3
21
3
16
ns
tPZL
DIR
A or B
3
24
3
18
ns
tPHZ
DIR
AorB
2
12
2
10
ns
tPLZ
DIR
A or B
2
12
2
10
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested.
† For conditions shown MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com