Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61F Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC61F
Description  Voltage Detectors, Delay Circuit Built-In
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61F Datasheet(HTML) 2 Page - Torex Semiconductor

  XC61F Datasheet HTML 1Page - Torex Semiconductor XC61F Datasheet HTML 2Page - Torex Semiconductor XC61F Datasheet HTML 3Page - Torex Semiconductor XC61F Datasheet HTML 4Page - Torex Semiconductor XC61F Datasheet HTML 5Page - Torex Semiconductor XC61F Datasheet HTML 6Page - Torex Semiconductor XC61F Datasheet HTML 7Page - Torex Semiconductor XC61F Datasheet HTML 8Page - Torex Semiconductor XC61F Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
XC61F Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: CMOS output
①
Output Configuration
N
: N-ch open drain output
: e.g. 2.5V → ②2 , ③5
②
③
Detect Voltage
16 ~ 60
: e.g. 3.8V → ②3, ③8
1
: 50ms ~ 200ms
4
: 80ms ~ 400ms
④
Output Delay
5
: 1ms ~ 50ms
⑤
Detect Accuracy
2
: Within ± 2.0%
M
: SOT-23
P
: SOT-89
T
: TO-92 (Standard)
⑥
Package
L
: TO-92 (Custom pin configuration)
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper type (TO-92)
⑦
Device Orientation
B
: Bag (TO-92)
PIN NUMBER
SOT-23
SOT-89
TO-92 (T)
TO-92 (L)
PIN NAME
FUNCTION
3
2
2
1
VIN
Supply Voltage Input
2
3
3
2
VSS
Ground
1
1
1
3
VOUT
Output
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC61F ①②③④⑤⑥⑦



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com