Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3384CPWR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74CBT3384CPWR.B
Description  10-BIT FET BUS SWITCH 5.V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74CBT3384CPWR.B Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT3384CPWR.B Datasheet HTML 1Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 2Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 3Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 4Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 5Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 6Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 7Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 8Page - Texas Instruments SN74CBT3384CPWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SN74CBT3384C
10BIT FET BUS SWITCH
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS132A − SEPTEMBER 2003 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − DW
Tube
SN74CBT3384CDW
CBT3384C
SOIC − DW
Tape and reel
SN74CBT3384CDWR
CBT3384C
SSOP − DB
Tube
SN74CBT3384CDB
CBT3384C
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74CBT3384CDBR
CBT3384C
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBT3384CDBQR
CBT3384C
TSSOP − PW
Tube
SN74CBT3384CPW
CU384C
TSSOP − PW
Tape and reel
SN74CBT3384CPWR
CU384C
TVSOP − DGV
Tape and reel
SN74CBT3384CDGVR
CU384C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each 5-bit bus switch)
INPUT
INPUT/OUTPUT
FUNCTION
INPUT
OE
INPUT/OUTPUT
A
FUNCTION
L
B
A port = B port
H
Z
Disconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com