Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2173CD41ML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC2173CD41ML
Description  ICs for use with Crystal Oscillators (PLL built - in)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CD41ML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC2173CD41ML Datasheet HTML 2Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 3Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 4Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 5Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 6Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 7Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 8Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 9Page - Torex Semiconductor XC2173CD41ML Datasheet HTML 10Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
XC2173
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Rise Time
tr
CL=15pF, 0.1VDD ~ 0.9VDD (*1)
-
2.0
-
ns
Output Fall Time
tf
CL=15pF, 0.9VDD ~ 0.1VDD (*1)
-
2.0
-
ns
Output DUTY Cycle
DUTY
CMOS: 0.5VDD, CL=15pF
45
-
55
%
Output Disable Delay Time
tplz
CL=15pF (*1)
-
-
100
ns
Output Enable Delay Time
tpzl
CL=15pF (*1)
-
-
100
ns
Jitter
tj
1σ (*1)
-
50
-
ps
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Rise Time
tr
CL=15pF, 0.1VDD ~ 0.9VDD (*1)
-
1.5
-
ns
Output Fall Time
tf
CL=15pF, 0.9VDD ~ 0.1VDD (*1)
-
1.5
-
ns
Output DUTY Cycle
DUTY
CMOS: 0.5VDD, CL=15pF
45
-
55
%
Output Disable Delay Time
tplz
CL=15pF (*1)
-
-
100
ns
Output Enable Delay Time
tpzl
CL=15pF (*1)
-
-
100
ns
Jitter
tj
1σ (*1)
-
50
-
ps
■
SWITCHING CHARACTERISTICS
3.3V
Ta=25℃
5.0V
Ta=25℃
*1 : R&D value



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com