Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH5400 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH5400
Description  Logic Gate Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5400 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH5400 Datasheet HTML 1Page - OSRAM GmbH SFH5400 Datasheet HTML 2Page - OSRAM GmbH SFH5400 Datasheet HTML 3Page - OSRAM GmbH SFH5400 Datasheet HTML 4Page - OSRAM GmbH SFH5400 Datasheet HTML 5Page - OSRAM GmbH SFH5400 Datasheet HTML 6Page - OSRAM GmbH SFH5400 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 5400
Logic Gate Detector
Lead (Pb) Free Product - RoHS Compliant
2004-06-09
1
Wesentliche Merkmale
• Geeignet für Anwendungen im Bereich von
500 nm bis 900 nm
• Fotodiode mit integriertem Schmitt-Trigger
•SMT-Bauform
• TTL- und CMOS-kompatibel
• Ausgang: push-pull
Anwendungen
• Optischer Schalter
• Lichtschranken
• Pulsformer
•Zähler
Typ
Type
Bestellnummer
Ordering Code
SFH 5400
Q65110A2704
Features
• Suitable for applications from 500 nm to
900 nm
• Photodiode with built-in Schmitt trigger
• SMT package
• TTL and CMOS compatible
• Output: push-pull
Applications
• Optoelectronic switch
• Interrupter
• Pulse former
• Photoelectric counter


Similar Part No. - SFH5400

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5410 OSRAM-SFH5410 Datasheet
75Kb / 8P
IR-Empfanger fur Fernbedienungen
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH5440 OSRAM-SFH5440 Datasheet
145Kb / 7P
Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
logo
List of Unclassifed Man...
SFH5441 ETC-SFH5441 Datasheet
54Kb / 6P
Schmitt-Trigger IC im Smart DIL GehAuse
More results

Similar Description - SFH5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRD5009 MOTOROLA-MRD5009 Datasheet
170Kb / 4P
Photo Detector Logic Output
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
Single Gate CMOS Logic ICs
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
Single Gate CMOS Logic ICs
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
Logic-Level Gate Drive
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
Logic-level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
Logic-Level Gate Drive
logo
Rohm
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
Single Gate CMOS Logic ICs Logic Gate
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
Single Gate CMOS Logic ICs Logic Gate
logo
International Rectifier
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com