Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31DF6 Datasheet(PDF) 2 Page - Multicomp Pro

Part # 31DF6
Description  Diode Ultra Fast
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

31DF6 Datasheet(HTML) 2 Page - Multicomp Pro

  31DF6 Datasheet HTML 1Page - Multicomp Pro 31DF6 Datasheet HTML 2Page - Multicomp Pro 31DF6 Datasheet HTML 3Page - Multicomp Pro 31DF6 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
08/02/13
Diode
Ultra Fast
Type Number
Symbol
31DF4
31DF6
Units
Maximum Reverse Recovery Time (Note 3)
Trr
35
nS
Typical Thermal Resistance ( Note 2 )
RθJA
80
°C/W
Operating Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
Tstg
Note 2. Thermal Resistance from Junction to Ambient 0.375ʺ (9.5mm) Lead Length.
Note 3. Reverse recovery Test Condition: Ta = 25°C, IFM = 3A, di/dt = 50A/Us.
Ratings and Characteristic Curves (31DF4, 31DF6)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com