Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETR4-70-A.. Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # ETR4-70-A..
Description  TIMINGRELAYSETR4-70
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ETR4-70-A.. Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  ETR4-70-A.. Datasheet HTML 1Page - Eaton All Rights Reserved. ETR4-70-A.. Datasheet HTML 2Page - Eaton All Rights Reserved. ETR4-70-A.. Datasheet HTML 3Page - Eaton All Rights Reserved. ETR4-70-A.. Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
02/16/2012
HPL-ED2011 V2.0 EN (UX111)
3 / 4
Pick-up voltage
 
x Us
 
Min. pick-up voltage, AC operated
 
x U
c
0.85
Pick-up voltage AC operated, max.
 
x U
c
1.1
Pick-up voltage DC operated, min.
 
x Uc
0.7
Max. pick-up voltage, DC operated
 
x Uc
1.1
Power consumption
 
 
 
Pick-up AC
 
VA
2
Sealing AC
 
VA
2
Pick-up DC
 
W
1.8
Sealing DC
 
W
1.8
Duty factor
 
%
DF
100
Maximum operating frequency
 
Ops/
h
4000
Minimum command time
 
 
 
AC
 
ms
50
DC
 
ms
30
Repetition accuracy (deviation)
 
%
0.5
Recovery time (after 100% time delay)
 
ms
70
Contact changeover time
tu
ms
4
Technical￿data￿according￿to￿ETIM￿4.0
Number of outputs, delayed, N/O
 
 
0
Remote access possible
 
 
YES
Number of outputs, non-delayed, N/O
 
 
0
Function off-delayed
 
 
YES
Outputs, reversible delayed/non-delayed
 
 
YES
Type of electric connection
 
 
Screw connection
Number of outputs, non-delayed, N/C
 
 
0
Rated control voltage Us at DC
 
V
240
Clock function, starting with pulse, variable
 
 
YES
Voltage type for actuation
 
 
AC/DC
Function flashing, starting with pulse, fixed time
 
 
YES
Function pulse shaping
 
 
YES
Rated control voltage Us at AC 50HZ
 
V
240
Time range
 
s
360000
Number of outputs, non-delayed, change-over contact
 
 
2
With semi-conductor output
 
 
No
Suitable only for remote control
 
 
No
Function flashing starting with pause, fixed time
 
 
YES
Plug-in type on auxiliary contact block
 
 
No
Width
 
mm
23
With plug-in socket
 
 
No
Function fleeting contact on energization
 
 
YES
Function star/delta
 
 
No
Rated control voltage Us at AC 60HZ
 
V
240
Function fleeting contact on de-energization
 
 
YES
Function on-delayed
 
 
YES
Height
 
mm
83
Depth
 
mm
103
Function cyclic starting with pause, variable
 
 
YES
Number of outputs, delayed, N/C
 
 
0
Number of outputs, delayed, changeover contact
 
 
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com