Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3211FA Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH3211FA
Description  NPN-Silizium-Fototransistor in SMT TOPLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3211FA Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH3211FA Datasheet HTML 1Page - OSRAM GmbH SFH3211FA Datasheet HTML 2Page - OSRAM GmbH SFH3211FA Datasheet HTML 3Page - OSRAM GmbH SFH3211FA Datasheet HTML 4Page - OSRAM GmbH SFH3211FA Datasheet HTML 5Page - OSRAM GmbH SFH3211FA Datasheet HTML 6Page - OSRAM GmbH SFH3211FA Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 3211, SFH 3211 FA
2002-01-25
5
Relative Spectral Sensitivity,
SFH 3211
S
rel = f (λ)
Total Power Dissipation
P
tot = f (TA)
Dark Current
I
CEO = f (TA), VCE = 5 V, E = 0
0
OHF00207
400
Srel
λ
nm
%
500 600 700 800 900
1100
10
20
30
40
50
60
70
80
100
OHF00871
tot
P
0
0
40
80
120
160
mW
200
20
40
60
80 ˚C 100
TA
T
OHF01530
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
-25
nA
0
25
50
75
100
˚C
Relative Spectral Sensitivity,
SFH 3211 FA
S
rel = f (λ)
Photocurrent
I
PCE = f (VCE), Ee = Parameter
Capacitance
C
CE = f (VCE), f = 1 MHz, E = 0
λ
OHF00468
0
rel
S
400
20
40
60
80
%
100
nm
500 600 700 800 900
1100
V
OHF01529
CE
PCE
Ι
0
0
10
10
-2
10
-1
mA
V
5
10
15
20
25
30
35
mW
cm 2
0.1
0.25
2
cm
mW
0.5
2
cm
mW
1
2
cm
mW
V
OHF01528
CE
-2
10
CE
C
10
-1
10
0
10
1
10
2
0
V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
pF
Photocurrent
I
PCE = f (Ee), VCE = 5 V
Dark Current
I
CEO = f (VCE), E = 0
Photocurrent
I
PCE /IPCE25° = f (TA), VCE = 5 V
E
OHF01924
e
PCE
Ι
10
-1
10
-3
10
-2
10
0
10
0
10
1
10
2
10
3
2
mW/cm
2
3
4
µA
V
OHF01527
CE
CEO
Ι
-3
10
10
-2
10
-1
10
0
10
1
0
5
10
15
20
25
30
35
V
nA
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com