Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH331 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH331
Description  SMT Multi TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH331 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH331_01 Datasheet HTML 1Page - OSRAM GmbH SFH331_01 Datasheet HTML 2Page - OSRAM GmbH SFH331_01 Datasheet HTML 3Page - OSRAM GmbH SFH331_01 Datasheet HTML 4Page - OSRAM GmbH SFH331_01 Datasheet HTML 5Page - OSRAM GmbH SFH331_01 Datasheet HTML 6Page - OSRAM GmbH SFH331_01 Datasheet HTML 7Page - OSRAM GmbH SFH331_01 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 331
2001-02-22
5
LED Radiation Characteristics I
rel = f (ϕ)
Phototransistor Directional Characteristics
S
rel = f (ϕ)
LED Relative Spectral Emission I
rel = f (λ), TA = 25 °C, IF = 20 mA
V(
λ) = Standard Eye Response Curve
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚
%
rel
λ
OHL02350
Vλ
100
80
60
40
20
0
400
450
500
550
600
650
700
nm
Φ
super-red



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com