Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH331-JK Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH331-JK
Description  SMT Multi TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH331-JK Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH331-JK Datasheet HTML 1Page - OSRAM GmbH SFH331-JK Datasheet HTML 2Page - OSRAM GmbH SFH331-JK Datasheet HTML 3Page - OSRAM GmbH SFH331-JK Datasheet HTML 4Page - OSRAM GmbH SFH331-JK Datasheet HTML 5Page - OSRAM GmbH SFH331-JK Datasheet HTML 6Page - OSRAM GmbH SFH331-JK Datasheet HTML 7Page - OSRAM GmbH SFH331-JK Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SFH 331
2001-02-22
6
Forward Current
I
F = f (VF), TA = 25 °C
Max. Permissible Forward Current
I
F = f (TA)
Forward Current
VF = f (TA), IF = 10 mA
10 -1
V
5
super-red
OHL02351
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
60
OHL01661
Ι
F
0
100
60
40
20
A
80
0
T
10
20
30
40
50
˚C
mA
green
super-red
orange
yellow
pure-green
1.4
OHL02106
V
F
˚C
A
T
0
20
40
60
80
100
1.6
1.8
2.0
2.2
V
2.4
Rel. Luminous Intensity
I
V/IV(10mA) = f (IF), TA = 25 °C
Wavelength at Peak Emission
λ
peak = f (TA), IF = 20 mA
Rel. Luminous Intensity
I
V/IV(25 °C) = f (TA), IF = 10 mA
V
V(10mA)
10 -1
0
10
10 12
10
mA
10 -3
5
OHL02316
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
55
super-red
green
yellow
orange
super-red
pure-green
550
OHL02104
λ
peak
˚C
0
20
40
60
80
100
570
590
610
630
650
nm
690
A
T
yellow
green
orange
super-red
pure-green
0.0
OHL02150
˚C
A
0
20
40
60
80
100
V
V
I
I
0.4
0.8
1.2
1.6
2.0
(25 ˚C)
T
Perm. Pulse Handling Capability
I
F = f (tp), duty cycle D = parameter,
T
A = 25 °C
Dominant Wavelength
λ
dom = f (TA), IF = 20 mA
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
tP
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
I
F
t
2
10
0.1
p
10 3
mA
yellow
green
orange
super-red
pure-green
550
OHL02105
λ
dom
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com