Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4PDT Datasheet(PDF) 3 Page - Multicomp Pro

Part # 4PDT
Description  Toggle Switches Miniature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

4PDT Datasheet(HTML) 3 Page - Multicomp Pro

  4PDT Datasheet HTML 1Page - Multicomp Pro 4PDT Datasheet HTML 2Page - Multicomp Pro 4PDT Datasheet HTML 3Page - Multicomp Pro 4PDT Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
30/04/20
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Number of
Poles
UL/CSA
Model
Numbers
Model
Number
Switch Function
Connected Terminals/Schematic
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
Q1111
1MS1
On
None
ON
N/A
Q1112
1MS2
None
MOM
Q1113
1MS3
Off
ON
Open
Q1114
1MS4
MOM
MOM
Q1115
1MS5
On
MOM
DP
Q1121
1MD1
None
ON
N/A
Q1122
1MD2
None
MOM
Q1123
1MD3
Off
ON
Open
Q1124
1MD4
MOM
MOM
Q1125
1MD5
On
MOM
Q1126
1MD6
On
On
2 to 3, 5 to 6
2 to 3, 5 to 4
2 to 1, 5 to 4
Q1127
1MD7
MOM
MOM
Q1128
1MD8
On
MOM
3P
Q1131
1M31
None
On
N/A
4P
Q1141
1M41
Switch Function
Description
Part Number
Switch, PCB, SPDT, VERT
1MS1T2B4V2RE
Switch, PCB, SPDT, VERT
1MS3T2B4V2RE
Switch, PCB, SPDT, VERT
1MS2T2B4V2RE
Switch, PCB, SPDT, VERT
1MS4T2B4V2RE
Switch, PCB, SPDT, VERT
1MS5T2B4V2RE
Switch, PCB, DPDT, VERT
1MD1T2B4V3RE
Switch, PCB, SPDT, HORIZ
1MS1T2B4M6RE
Switch, PCB, SPDT, HORIZ
1MS3T2B4M6RE
Switch, PCB, SPDT, HORIZ
1MS4T2B4M6RE
Switch, PCB, DPDT, HORIZ
1MD1T2B4M6RE
Switch, PCB, DPDT, HORIZ
1MD3T2B4M6RE
Switch, PCB, SPDT, HORIZ
1MS1T2B4M7RE
Switch, PCB, SPDT, HORIZ
1MS3T2B4M7RE
Part Number Table
Description
Part Number
Switch, PCB, DPDT, HORIZ
1MD1T2B4M7RE
Switch, SPDT
1MS1T1B5M1QE
Switch, SPDT
1MS3T1B5M1QE
Switch, DPDT
1MD1T1B5M1QE
Switch, DPDT
1MD3T1B5M1QE
Switch, SPDT
1MS1T1B1M1QE
Switch, SPDT
1MS1T1B1M1RE
Switch, SPDT
1MS3T1B1M1QE
Switch, SPDT
1MS3T1B1M1RE
Switch, SPDT
1MS4T1B1M1QE
Switch, SPDT
1MS4T1B1M1RE
Switch, SPDT
1MS5T1B1M1QE
Switch, SPDT
1MS5T1B1M1RE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com