Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC595MPWREP.A Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HC595MPWREP.A
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HC595MPWREP.A Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC595MPWREP.A Datasheet HTML 1Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 2Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 3Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 4Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 5Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 6Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 7Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 8Page - Texas Instruments SN74HC595MPWREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN74HC595-EP
SCLS719 – FEBRUARY 2010
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
TSSOP – PW
Reel of 2000
SN74HC595MPWREP
HC595EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Table 1. FUNCTION TABLE
INPUTS
FUNCTION
SER
SRCLK
SRCLR
RCLK
OE
X
X
X
X
H
Outputs QA−QH are disabled.
X
X
X
X
L
Outputs QA−QH are enabled.
X
X
L
X
X
Shift register is cleared.
First stage of the shift register goes low.
L
↑
H
X
X
Other stages store the data of previous stage, respectively.
First stage of the shift register goes high.
H
↑
H
X
X
Other stages store the data of previous stage, respectively.
X
X
X
↑
X
Shift-register data is stored in the storage register.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN74HC595-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com