Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V2G66 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2G66
Description  DUAL BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G66 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2G66 Datasheet HTML 1Page - STMicroelectronics 74V2G66 Datasheet HTML 2Page - STMicroelectronics 74V2G66 Datasheet HTML 3Page - STMicroelectronics 74V2G66 Datasheet HTML 4Page - STMicroelectronics 74V2G66 Datasheet HTML 5Page - STMicroelectronics 74V2G66 Datasheet HTML 6Page - STMicroelectronics 74V2G66 Datasheet HTML 7Page - STMicroelectronics 74V2G66 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74V2G66
DUAL BILATERAL SWITCH
PRELIMINARY DATA
®
June 2000
s
HIGH SPEED:
tPD = 0.3 ns (TYP.) at VCC =5V
tPD = 0.4 ns (TYP.) at VCC = 3.3V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
LOW ”ON” RESISTANCE:
RON =10
Ω (TYP.)AT VCC = 5.0VII/O=100µA
RON =12
Ω (TYP.)AT VCC = 3.3VII/O=100µA
s
SINE WAVE DISTORTION
0.04% (TYP.) AT VCC=3.3V f=1KHz
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5V
DESCRIPTION
The 74V2G66 is an high-speed CMOS DUAL
BILATERAL SWITCH fabricated in silicon gate
C2MOS technology. It achieves high speed
propagation
delay
and
VERY
LOW
ON
resistances while maintaining true CMOS low
power consumption. This feature makes this part
ideal
for
battery-powered
equipment.
This
bilateral switch handles rail to rail analog and
digital signals that may vary across the full
power-supply range (from Vcc to Ground).
The C input is provided to control the switch and
it’s compatible with standard CMOS output; the
switch is ON when the C input is held high and off
when C is held low. It can be used in many
application as Battery Powered System, Audio
Signal Routing, Communications System, Test
Equipment. It’s available in the commercial
temperature range in SOT23-8L.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T UBE
T & R
SOT23-8L
74V2G66STR
SOT23-8L
1/8


Similar Part No. - 74V2G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
166Kb / 9P
DUAL BILATERAL SWITCH
Jun-2003
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
DUAL BILATERAL SWITCH
Jun-2003
More results

Similar Description - 74V2G66

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
DUAL BILATERAL SWITCH
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
DUAL BILATERAL SWITCH
74V2T66 STMICROELECTRONICS-74V2T66_07 Datasheet
442Kb / 14P
Dual bilateral switch
31-Jan-2007
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
DUAL BILATERAL SWITCH
TC4W66F TOSHIBA-TC4W66F_07 Datasheet
415Kb / 8P
Dual Bilateral Switch
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
DUAL BILATERAL SWITCH
Jun-2003
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU_08 Datasheet
278Kb / 8P
Dual Bilateral Switch
TC7W66FK0 TOSHIBA-TC7W66FK0_09 Datasheet
222Kb / 10P
Dual Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com