Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPCN385L Datasheet(PDF) 1 Page - Winbond

Part # WPCN385L
Description  LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WPCN385L Datasheet(HTML) 1 Page - Winbond

  WPCN385L Datasheet HTML 1Page - Winbond WPCN385L Datasheet HTML 2Page - Winbond WPCN385L Datasheet HTML 3Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2006 Winbond Electronics Corporation
www.winbond.com
Product Brief
December 2006
Revision 1.0
WPCN385L
LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
General Description
The WPCN385L, a member of the Winbond LPC SuperI/O
family, is targeted for a wide range of portable applications.
The WPCN385L is PC2001 and ACPI compliant, and fea-
tures an LPC-to-LPC Switch with hot plugability, a Fast Infra-
red port (FIR, IrDA 1.1 compliant), Serial Port and General-
Purpose Input/Output (GPIO) support for a total of 18 ports.
The WPCN385L enables glueless implementation of an
LPC-to-LPC Switch between the motherboard LPC bus and
the Docking Station, and supports hot insertion and hot re-
moval.
Outstanding Features
Pin and software compatible with the Winbond 87382
LPC-to-LPC Switch with hot plugability, enables LPC
devices in the Docking Station to be connected to the
Main LPC Bus, thus reducing the number of signals re-
quired through the Docking Station connector
Fast Infrared Port (FIR)
Serial Port
LPC bus interface, based on Intel’s LPC Interface
Specification Revision 1.1, August 2002 (supports
CLKRUN and LPCPD signals)
PC2001 and ACPI Revision 3.0 compliant
18 GPIO ports, including 11 with IRQ assertion capa-
bility
Two testability modes (XOR Tree and TRI-STATE®
device pins).
5V tolerant and back-drive protected pins (except LPC
bus pins)
48-pin LQFP package
LPC Bus
South Bridge
TPM
SIO
Portable
Platform
Docking
Station
Docking LPC Bus
I/O
Ports
EC
DCLKOUT
Serial
Interface
WPCN385L
FIR
Interface
(WPCN8738xU,
8739x)
(WPC876xL)
(WPCT200)
System Block Diagram


Similar Part No. - WPCN385L

ManufacturerPart #DatasheetDescription
logo
Winbond
WPCN381U WINBOND-WPCN381U Datasheet
79Kb / 3P
Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Nuvoton Technology Corp...
WPCN381U NUVOTON-WPCN381U Datasheet
628Kb / 67P
Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
WPCN383U NUVOTON-WPCN383U Datasheet
166Kb / 3P
Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports, Parallel Port and GPIOs for Portable Applications
logo
Winbond
WPCN384U WINBOND-WPCN384U Datasheet
104Kb / 3P
Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Nuvoton Technology Corp...
WPCN384U NUVOTON-WPCN384U Datasheet
165Kb / 3P
Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
More results

Similar Description - WPCN385L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87383 NSC-PC87383 Datasheet
894Kb / 77P
Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
logo
Silicon Storage Technol...
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
logo
Winbond
WPCN381U WINBOND-WPCN381U Datasheet
79Kb / 3P
Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Feature Integration Tec...
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
LPC to ISA Bridge
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
logo
Microchip Technology
SST49LF016C MICROCHIP-SST49LF016C Datasheet
340Kb / 43P
16 Mbit LPC Serial Flash
02/16
logo
Nuvoton Technology Corp...
WPCN381U NUVOTON-WPCN381U Datasheet
628Kb / 67P
Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
WPCN383U NUVOTON-WPCN383U Datasheet
166Kb / 3P
Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports, Parallel Port and GPIOs for Portable Applications
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
eSPI to LPC Bridge
02/28/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com