Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ36A Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMBJ36A
Description  600 Watt Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMBJ36A Datasheet(HTML) 2 Page - ON Semiconductor

  SMBJ36A Datasheet HTML 1Page - ON Semiconductor SMBJ36A Datasheet HTML 2Page - ON Semiconductor SMBJ36A Datasheet HTML 3Page - ON Semiconductor SMBJ36A Datasheet HTML 4Page - ON Semiconductor SMBJ36A Datasheet HTML 5Page - ON Semiconductor SMBJ36A Datasheet HTML 6Page - ON Semiconductor SMBJ36A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SMBJ5V0(C)A - SMBJ170(C)A Rev. 1.1.1
November 2014
SMBJ5V0(C)A - SMBJ170(C)A
600 Watt Transient Voltage Suppressors
Features
• Glass-Passivated Junction
• 600 W Peak Pulse Power Capability
on 10/1000
μs Waveform.
• Excellent Clamping Capability
• Low-Incremental Surge Resistance
• Fast Response Time: Typically Less than 1.0 ps from 0 V
to BV minimum for Unidirectional and 5.0 ns for Bidirectional
•Typical IR Less than 1.0 μA Above 10 V
• UL Certificate #E258596
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. Measured on 8.3 ms single half-sine wave or equivalent square wave: duty cycle = 4 pulses per minute maximum.
Symbol
Parameter
Value
Unit
PPPM
Peak Pulse Power Dissipation on 10/1000
μs Waveform
600
W
IPPM
Peak Pulse Current on 10/1000
μs Waveform
See Table
A
IFSM
Non-Repetitive Peak Forward Surge Current
Superimposed on Rated Load (JEDEC Method)(1)
100
A
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
SMB/DO-214AA
Band denotes cathode on unidirectional devices only.
No band on bi-directional devices. Bi-directional types
have CA suffix where electrical characteristics apply in
both directions suitable for bi-directional applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com