Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3204 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH3204
Description  Silicon NPN Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3204 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH3204 Datasheet HTML 1Page - OSRAM GmbH SFH3204 Datasheet HTML 2Page - OSRAM GmbH SFH3204 Datasheet HTML 3Page - OSRAM GmbH SFH3204 Datasheet HTML 4Page - OSRAM GmbH SFH3204 Datasheet HTML 5Page - OSRAM GmbH SFH3204 Datasheet HTML 6Page - OSRAM GmbH SFH3204 Datasheet HTML 7Page - OSRAM GmbH SFH3204 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 3204
2007-04-03
5
Rel. Spectral Sensitivity,
S
rel = f (λ)
Photocurrent
I
PCE = f (TA),
V
CE = 5 V, normalized to 25 °C
λ
OHF02458
0
rel
S
400
20
40
60
80
%
100
500 600 700 800 900 nm 1100
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C
Dark Current
I
CEO = f (VCE), E = (0)
Collector-Emitter Capacitance
C
CE = f (VCE), f = 1 MHz
OHF00383
-2
CEO
Ι
0
10
CE
V
10
-1
10
0
10
1
nA
10
20
30
V
OHF00592
0
V
CE
C
pF
-2
10
-1
10
10
0
10
1
10
2
0.5
1.0
1.5
2.0
2.5
3.0
VCE
Dark Current
I
CEO = f (TA), VCE = 20 V, E = (0)
)
T
OHF00380
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
0
nA
20
40
60
80
100
˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com