Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1820. Datasheet(PDF) 1 Page - Greenlee Communications

Part # PA1820.
Description  SLITTER AM25 CUTS/SLITS 0.18 TO 1.00 AM 25
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

PA1820. Datasheet(HTML) 1 Page - Greenlee Communications

  PA1820. Datasheet HTML 1Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Strips and slits 0.18 IN to 1.0 IN (4.5-25mm) diameter round cables
Adjustable cutting depth
Swivel blade for circular,longitudinal and spiral cuts
Spare blade in handle
Cable holding clip with integrated edge for removing slit insulation
Laser-trimmed, stainless-steel blade for long use
Slits PVC, Teflon® and THHN
Perfect for armored cable
Teflon® is a registered trademark of DuPont.
Specifications
Application : Perfect For Armored Cable
Capacity : 0.180 - 1.000 IN (4.500-25.000 MM) Diameter Round Cables
Material : Stainless Steel Blade
Overall Length : 5.300 IN (135.000 MM)
Replacement Part : PA2109 Replacement blade
Type : AM 25
Weight : 4.700 OZ (133.000 GM)
Features
·
Factory calibrated
·
Superior comfort and design
SLITTER AM25 CUTS/SLITS 0.18 TO 1.00
AM 25
Cat No:
UPC No:
52050560
769328100877


Similar Part No. - PA1820.

ManufacturerPart #DatasheetDescription
logo
Tempo Communications, I...
PA1822 TEMPOCOMMUNICATIONS-PA1822 Datasheet
1Mb / 2P
FIBER OPTIC HAND TOOLS FOR EVERY TECHNICIAN
04/21
logo
Greenlee Communications
PA1822 GREENLEE-PA1822 Datasheet
10Mb / 108P
COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
logo
Pulse A Technitrol Comp...
PA1825NL PULSE-PA1825NL Datasheet
1Mb / 5P
High Frequency Wire Wound Transformers
More results

Similar Description - PA1820.

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
Apr-1999
logo
Marktech Corporate
MTN2125-24A MARKTECH-MTN2125-24A Datasheet
42Kb / 1P
Marktech 1.00 Single Digit
logo
Hirose Electric
HB-HRM-JJ HIROSE-HB-HRM-JJ Datasheet
36Kb / 1P
Cuts DC and Supplies Voltage
logo
Panasonic Semiconductor
AN7220 PANASONIC-AN7220 Datasheet
246Kb / 4P
AM TUNER, FM-AM IFAMPLIFIER CIRCUIT
logo
NEC
MC-7847-KC NEC-MC-7847-KC Datasheet
94Kb / 2P
25 dB POWER DOUBLER AM PLI FI ER
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
AM Tuner, FM-AM IF Amplifier
logo
Adam Technologies, Inc.
ADP-10-35-55-SR ADAM-TECH-ADP-10-35-55-SR Datasheet
199Kb / 1P
1.00 DC PLUG
logo
Fairchild Semiconductor
AN-8230 FAIRCHILD-AN-8230 Datasheet
928Kb / 6P
800 V SuperFET짰 II MOSFET Cuts Switching Loss
logo
Kemet Corporation
ALS80A184KF025 KEMET-ALS80A184KF025 Datasheet
80Kb / 1P
Aluminum Electrolytic, 105C, ALS80, 0.18 F, 20%, 25 V, -40/105C
logo
Samtec, Inc
S1SS-05-28-GF-20.00-S SAMTEC-S1SS-05-28-GF-20.00-S Datasheet
307Kb / 1P
(1.00 mm) .0394
Rev 21JUL21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com