Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4203 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4203
Description  Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4203 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4203 Datasheet HTML 1Page - OSRAM GmbH SFH4203 Datasheet HTML 2Page - OSRAM GmbH SFH4203 Datasheet HTML 3Page - OSRAM GmbH SFH4203 Datasheet HTML 4Page - OSRAM GmbH SFH4203 Datasheet HTML 5Page - OSRAM GmbH SFH4203 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SFH 4203
2003-12-09
4
Relative Spectral Emission
I
rel = f (λ)
Max. Permissible Forward Current
I
F = f (TA), RthJA
1)
1)
Thermal
resistance
junction
-
ambient mounted on PC-board
(FR4), pad size 16 mm
2 (each).
OHF00777
nm
800
Ι
erel
λ
0
850
900
950 1000
1100
20
40
60
80
100
OHF00359
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thJA = 375 K/W
Radiant Intensity
Single pulse,
t
p = 20 µs
Radiation Characteristics I
rel = f (ϕ)
I
e
I
e 100 mA
=
f (I
F)
e
e (100 mA)
mA
OHF00809
F
Ι
Ι
Ι
10
4
0
10
10
1
10
23
10
10 -3
10 -2
10
10 -1
0
10 2
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL00869
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚
Forward Current
I
F = f (VF)
single pulse,
t
p = 20 µs
OHF00784
10
-3
V
mA
0
Ι
F
V
F
0.5 1 1.5 2 2.5 3 3.5
4.5
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com