Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4202 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4202
Description  Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4202 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4202 Datasheet HTML 1Page - OSRAM GmbH SFH4202 Datasheet HTML 2Page - OSRAM GmbH SFH4202 Datasheet HTML 3Page - OSRAM GmbH SFH4202 Datasheet HTML 4Page - OSRAM GmbH SFH4202 Datasheet HTML 5Page - OSRAM GmbH SFH4202 Datasheet HTML 6Page - OSRAM GmbH SFH4202 Datasheet HTML 7Page - OSRAM GmbH SFH4202 Datasheet HTML 8Page - OSRAM GmbH SFH4202 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SFH 4202
2005-02-25
5
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF)
single pulse,
t
p = 20 µs
Radiation Characteristics I
rel = f (ϕ
OHF00777
nm
800
Ι
erel
λ
0
850
900
950 1000
1100
20
40
60
80
100
OHF00784
10
-3
V
mA
0
Ι
F
V
F
0.5 1 1.5 2 2.5 3 3.5
4.5
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚
Radiant Intensity
Single pulse,
t
p = 20 µs
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 25 °C,
duty cycle
D = parameter
I
e
I
e 100 mA
=
f (I
F)
e
e (100 mA)
mA
OHF00809
F
Ι
Ι
Ι
10
4
0
10
10
1
10
23
10
10 -3
10 -2
10
10 -1
0
10 2
OHF00040
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D
10
-4 10-3 10-2 10-1 100 101
2
10
s
0.1
0.2
0.5
1
=
-1
10
5
1
10
10
0
5
A
Max. Permissible Forward Current
I
F = f (TA)
60
0
0
40
20
F
I
100
80
˚C
T
OHL01293
mA
temp. ambient
TA
20
40
60
80
100
120
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com