Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS20 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS20
Description  SN74HCS20-Q1 Automotive Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS20 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS20 Datasheet HTML 1Page - Texas Instruments SN74HCS20 Datasheet HTML 2Page - Texas Instruments SN74HCS20 Datasheet HTML 3Page - Texas Instruments SN74HCS20 Datasheet HTML 4Page - Texas Instruments SN74HCS20 Datasheet HTML 5Page - Texas Instruments SN74HCS20 Datasheet HTML 6Page - Texas Instruments SN74HCS20 Datasheet HTML 7Page - Texas Instruments SN74HCS20 Datasheet HTML 8Page - Texas Instruments SN74HCS20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS20-Q1
SCLS766 – MARCH 2020
SN74HCS20-Q1 Automotive Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
1
1 Features
1
•
AEC-Q100 Qualified for automotive applications:
–
Device temperature grade 1: –40°C to +125°C,
TA
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classifcation Level C6
•
Wide operating voltage range: 2 V to 6 V
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Low power consumption
–
Typical ICC of 100 nA
–
Typical input leakage current of ±100 nA
•
±7.8-mA output drive at 5 V
2 Applications
•
Alarm / tamper detect circuit
•
S-R latch
3 Description
This device contains two independent 4-input NAND
gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A
● B ● C ● D in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS20QPWRQ1
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS20QDRQ1
SOIC (14)
8.70 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Similar Part No. - SN74HCS20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS20 TI1-SN74HCS20 Datasheet
299Kb / 17P
SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS20 TI1-SN74HCS20 Datasheet
1,003Kb / 23P
SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS20 TI2-SN74HCS20 Datasheet
686Kb / 25P
SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
REVISED JUNE 2020
SN74HCS20 TI2-SN74HCS20 Datasheet
692Kb / 25P
SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
REVISED JUNE 2020
SN74HCS20-Q1 TI1-SN74HCS20-Q1 Datasheet
299Kb / 17P
SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_16 Datasheet
946Kb / 18P
Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132 Datasheet
578Kb / 12P
UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74HCS30-Q1 TI1-SN74HCS30-Q1 Datasheet
290Kb / 16P
SN74HCS30-Q1 Automotive Single 8-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS20 TI1-SN74HCS20 Datasheet
299Kb / 17P
SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS20-Q1 TI1-SN74HCS20-Q1 Datasheet
300Kb / 17P
SN74HCS20-Q1 Automotive Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS20 TI1-SN74HCS20_V01 Datasheet
1,003Kb / 23P
SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com