Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS16507 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HCS16507
Description  SN74HCS16507-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Open-Drain Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS16507 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HCS16507 Datasheet HTML 3Page - Texas Instruments SN74HCS16507 Datasheet HTML 4Page - Texas Instruments SN74HCS16507 Datasheet HTML 5Page - Texas Instruments SN74HCS16507 Datasheet HTML 6Page - Texas Instruments SN74HCS16507 Datasheet HTML 7Page - Texas Instruments SN74HCS16507 Datasheet HTML 8Page - Texas Instruments SN74HCS16507 Datasheet HTML 9Page - Texas Instruments SN74HCS16507 Datasheet HTML 10Page - Texas Instruments SN74HCS16507 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
tt
Transition-time
Any output
2 V
9
17
ns
4.5 V
5
8
6 V
4
7
6.8 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
2 V to 6 V
20
pF
www.ti.com
SN74HCS16507-Q1
SCLS824 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74HCS16507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com