Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH9221 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH9221
Description  Reflexlichtschranke mit VCSEL-Sender
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9221 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH9221 Datasheet HTML 1Page - OSRAM GmbH SFH9221 Datasheet HTML 2Page - OSRAM GmbH SFH9221 Datasheet HTML 3Page - OSRAM GmbH SFH9221 Datasheet HTML 4Page - OSRAM GmbH SFH9221 Datasheet HTML 5Page - OSRAM GmbH SFH9221 Datasheet HTML 6Page - OSRAM GmbH SFH9221 Datasheet HTML 7Page - OSRAM GmbH SFH9221 Datasheet HTML 8Page - OSRAM GmbH SFH9221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SFH 9221
2004-08-30
3
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-VCSEL Diode)
Emitter (GaAs-VCSEL diode)
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 8 mA, tp = 20 ms
λ
peak
850
nm
Spektrale Bandbreite bei 50% von
I
max
Spectral bandwidth at 50% of
I
max
I
F = 8 mA
∆λ
1nm
Abstrahlwinkel
Half angle
I
F = 10 mA
ϕ
± 15
Grad
deg.
Schwellenstrom
1)
Threshold current
1)
I
th
2.6 (<5)
mA
Durchla
βspannung
Forward voltage
I
F = 10 mA
V
F
1.8 (
≤ 2.3)
V
Sperrstrom
Reverse current
V
R = 3 V
I
R
0.01 (
≤ 1)
µA
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
O
25
pF
Wärmewiderstand
2)
Thermal resistance
2)
R
thJA
1500
K/W
Empfänger (Si-Fotodiode)
Detector (silicon photodiode)
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
900
nm
Dunkelstrom,
V
R = 10 V
Dark current
I
R
50 (
≤ 5000)
pA
Kapazität,
V
R = 0 V, f = 1 MHz, E = 0
Capacitance
C
0
13
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com