Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS7002 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HCS7002
Description  SN74HCS7002-Q1 Automotive Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS7002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS7002 Datasheet HTML 6Page - Texas Instruments SN74HCS7002 Datasheet HTML 7Page - Texas Instruments SN74HCS7002 Datasheet HTML 8Page - Texas Instruments SN74HCS7002 Datasheet HTML 9Page - Texas Instruments SN74HCS7002 Datasheet HTML 10Page - Texas Instruments SN74HCS7002 Datasheet HTML 11Page - Texas Instruments SN74HCS7002 Datasheet HTML 12Page - Texas Instruments SN74HCS7002 Datasheet HTML 13Page - Texas Instruments SN74HCS7002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
System
Controller
Tamper
Switch
R
S
Q
R1
Tamper
Indicator
R2
10
SN74HCS7002-Q1
SCLS786B – AUGUST 2019 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: SN74HCS7002-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
In this application, two 2-input NOR gates are used to create an SR latch as shown in Figure 9. The two
additional gates can be used for a second SR latch, or the inputs can be grounded and both channels left
unused.
The SN74HCS7002-Q1 is used to drive the tamper indicator LED and provide one bit of data to the system
controller. When the tamper switch outputs HIGH, the output Q becomes HIGH. This output remains HIGH until
the system controller addresses the event and sends a HIGH signal to the R input which returns the Q output
back to LOW.
The user can add a small RC to the feedback path of the NOR gates to default the output to a certain state,
which can create slow transition rates. This fact makes the SN74HCS7002-Q1 ideal for the application because it
has Schmitt-trigger inputs that do not have input transition rate requirements.
9.2 Typical Application
Figure 9. Typical application block diagram
9.2.1 Design Requirements
•
All signals in the system operate at 5 V
•
Avoid unstable state by not having HIGH signals on both inputs
•
Q output is HIGH when S is HIGH
–
Q output remains High until R is HIGH
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The supply must be capable of sourcing current equal to the total current to be sourced by all outputs of the
SN74HCS7002-Q1 plus the maximum supply current, ICC, listed in the Electrical Characteristics. The logic device
can only source or sink as much current as it is provided at the supply and ground pins, respectively. Be sure not
to exceed the maximum total current through GND or VCC listed in the Absolute Maximum Ratings.
The SN74HCS7002-Q1 can drive a load with a total capacitance less than or equal to 50 pF connected to a
high-impedance CMOS input while still meeting all of the datasheet specifications. Larger capacitive loads can
be applied, however it is not recommended to exceed 70 pF.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com