Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103RBT6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32F103RBT6
Description  STM32 Nucleo-64 boards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RBT6 Datasheet(HTML) 5 Page - STMicroelectronics

  STM32F103RBT6 Datasheet HTML 1Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 2Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 3Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 4Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 5Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 6Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 7Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 8Page - STMicroelectronics STM32F103RBT6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1.1
Product marking
The stickers located on the top or bottom side of all PCBs provide product information:
•
First sticker: product order code and product identification, generally placed on the main board featuring
the target device.
Example:
Product order code
Product identification
•
Second sticker: board reference with revision and serial number, available on each PCB.
Example:
MBxxxx-Variant-yzz
syywwxxxxx
On the first sticker, the first line provides the product order code, and the second line the product identification.
On the second sticker, the first line has the following format: “MBxxxx-Variant-yzz”, where “MBxxxx” is the board
reference, “Variant” (optional) identifies the mounting variant when several exist, “y” is the PCB revision, and “zz”
is the assembly revision, for example B01. The second line shows the board serial number used for traceability.
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in production. ST is not
responsible for any consequences resulting from such use. In no event will ST be liable for the customer using
any of these engineering samples in production. ST’s Quality department must be contacted prior to any decision
to use these engineering samples to run a qualification activity.
“ES” or “E” marking examples of location:
•
On the targeted STM32 that is soldered on the board (for an illustration of STM32 marking, refer to the
STM32 datasheet Package information paragraph at the www.st.com website).
•
Next to the evaluation tool ordering part number that is stuck, or silk-screen printed on the board.
Some boards feature a specific STM32 device version, which allows the operation of any bundled commercial
stack/library available. This STM32 device shows a “U” marking option at the end of the standard part number
and is not available for sales.
To use the same commercial stack in their applications, the developers might need to purchase a part number
specific to this stack/library. The price of those part numbers includes the stack/library royalties.
1.2
Codification
The meaning of the codification is explained in Table 2.
Table 2. Codification explanation
NUCLEO-XXYYZT
NUCLEO-XXYYZT-P
NUCLEO-XXYYZT-Q
Description
Example: NUCLEO-L452RE
XX
MCU series in STM32 32-bit Arm Cortex MCUs
STM32L4 Series
YY
MCU product line in the series
STM32L452
Z
STM32 package pin count
•
C for 48 pins
•
R for 64 pins
64 pins
T
STM32 flash memory size:
•
6 for 32 Kbytes
•
8 for 64 Kbytes
•
B for 128 Kbytes
•
C for 256 Kbytes
•
E for 512 Kbytes
•
G for 1 Mbyte
•
Z for 192 Kbytes
512 Kbytes
-P
STM32 has external SMPS function
No SMPS
-Q
STM32 has internal SMPS function
NUCLEO
‑XXXXCX NUCLEO‑XXXXRX NUCLEO‑XXXXRX‑P NUCLEO-XXXXRX-Q
Product marking
DB2196 - Rev 17
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com