Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH9201-3/4 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH9201-3/4
Description  Reflexlichtschranke Reflective Interrupter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9201-3/4 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH9201-3/4 Datasheet HTML 2Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 3Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 4Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 5Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 6Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 7Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 8Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 9Page - OSRAM GmbH SFH9201-3/4 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SFH 9201
2004-09-23
9
Bitte Verarbeitungshinweise für SMT-Bauelemente beachten!
Please observe the handling guidelines for SMT devices!
IR-Reflow Lötprofil
(nach IPC 9501)
IR Reflow Soldering Profile
(acc. to IPC 9501)
Löthinweise
Soldering Conditions
Bauform
Type
Drypack
Level acc.
to
IPS-stand.
020
Tauch-, Schwalllötung
Dip, Wave Soldering
Reflowlötung
Reflow Soldering
Kolbenlötung
Iron Soldering
Peak Temp.
(solderbath)
Max. Time in
Peak Zone
Peak Temp.
(package
temp.)
Max. Time
in Peak
Zone
(Iron temp.)
SFH 9201
4
n. a.
–
245
°C
10 sec.
n.a.
OHLY0597
0
0
50
100
150
200
2
50
100
150
200
250
300
T
t
C
s
240-245 C
10-40 s
183 C
120 to 180 s
defined for Preconditioning: up to 6 K/s
ramp-down rate up to 6 K/s
ramp-up rate up to 6 K/s
defined for Preconditioning: 2-3 K/s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com