Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H523CCU6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32H523CCU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CCU6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32H523CCU6 Datasheet HTML 96Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 97Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 98Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 99Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 100Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 101Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 102Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 103Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 228 page
background image
Electrical characteristics
STM32H523xx
100/228
DS14540 Rev 1
5.3.2
VCAP external capacitor
Stabilization for the embedded LDO regulator is achieved by connecting an external
capacitor CEXT to the VCAPx (one or two pins, depending upon the package). CEXT is
specified in Table 21. VCAP operating conditions. Two external capacitors must be
connected to VCAP pins (refer to AN5711 “STM32H5 Series hardware development”).
Figure 15. External capacitor CEXT
5.3.3
Operating conditions at power-up/down
Subject to general operating conditions for TA.
v
Table 21. Supply voltage and maximum frequency configuration
Symbol
Parameter
Conditions
CEXT
External capacitor for LDO enabled
2.2 μF(1)
1. This value corresponds to CEXT typical value. A variation of ±20% is tolerated
ESR
E
quivalent series resistance of the external capacitor
< 100 mΩ
MS19044V2
ESR
R Leak
C
Table 22. Operating conditions at power-up/down (regulator ON)
Symbol
Parameter
Min
Max
Unit
TVDD
VDD rise time rate
0
∞
μs/V
VDD fall time rate
10
∞
TVDDA
VDDA rise time rate
0
∞
VDDA fall time rate
10
∞
TVDDUSB
TVDDUSB rise time rate
0
∞
TVDDUSB fall time rate
10
∞
TVDDIO2
TVDDIO2 rise time rate
0
∞
TVDDIO2 fall time rate
10
∞
TVBAT
TVBAT rise time rate
0
∞
TVBAT fall time rate
10
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com