Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC08
Description  QUAD 2-INPUT AND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC08 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC08 Datasheet HTML 1Page - STMicroelectronics 74VHC08 Datasheet HTML 2Page - STMicroelectronics 74VHC08 Datasheet HTML 3Page - STMicroelectronics 74VHC08 Datasheet HTML 4Page - STMicroelectronics 74VHC08 Datasheet HTML 5Page - STMicroelectronics 74VHC08 Datasheet HTML 6Page - STMicroelectronics 74VHC08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74VHC08
QUAD 2-INPUT AND GATE
PRELIMINARY DATA
®
June 1999
s
HIGH SPEED: tPD = 4.3 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 08
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHC08 is an advanced high-speed CMOS
QUAD 2-INPUT AND GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
The internal circuit is composed of 2 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74VHC08M
74VHC08T
M
(Micro Package)
T
(TSSOP Package)
1/7


Similar Part No. - 74VHC08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC08 FAIRCHILD-74VHC08 Datasheet
75Kb / 7P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHC08 STMICROELECTRONICS-74VHC08 Datasheet
148Kb / 8P
QUAD 2-INPUT AND GATE
Jun-2001
logo
Fairchild Semiconductor
74VHC08 FAIRCHILD-74VHC08 Datasheet
199Kb / 9P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHC08 STMICROELECTRONICS-74VHC08 Datasheet
226Kb / 11P
QUAD 2-INPUT AND GATE
12-Nov-2004
logo
ON Semiconductor
74VHC08 ONSEMI-74VHC08 Datasheet
580Kb / 6P
Quad 2-Input AND Gate
August-2017, Rev. 2
More results

Similar Description - 74VHC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com