Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F207ICH6TR
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH6TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F207ICH6TR Datasheet HTML 48Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 49Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 50Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 51Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 52Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 53Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 54Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 55Page - STMicroelectronics STM32F207ICH6TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 184 page
background image
Pinouts and pin description
STM32F20xxx
52/184
DocID15818 Rev 15
-
-
-
-
84 N12
PH7
I/O FT
-
I2C3_SCL, ETH_MII_RXD3,
EVENTOUT
-
--
-
-
85 M12
PH8
I/O FT
-
I2C3_SDA, DCMI_HSYNC,
EVENTOUT
-
--
-
-
86 M13
PH9
I/O FT
-
I2C3_SMBA, TIM12_CH2,
DCMI_D0, EVENTOUT
-
-
-
-
-
87 L13
PH10
I/O FT
-
TIM5_CH1, DCMI_D1,
EVENTOUT
-
-
-
-
-
88 L12
PH11
I/O FT
-
TIM5_CH2, DCMI_D2,
EVENTOUT
-
--
-
-
89 K12
PH12
I/O FT
-
TIM5_CH3, DCMI_D3,
EVENTOUT
-
--
-
-
90 H12
VSS
S-
-
-
-
--
-
-
91 J12
VDD
S-
-
-
-
33 J1 51 73 92 P12
PB12
I/O FT
-
SPI2_NSS, I2S2_WS,
I2C2_SMBA, USART3_CK,
TIM1_BKIN, CAN2_RX,
OTG_HS_ULPI_D5,
ETH_RMII_TXD0,
ETH_MII_TXD0,
OTG_HS_ID, EVENTOUT
-
34 H2 52 74 93 P13
PB13
I/O FT
-
SPI2_SCK, I2S2_SCK,
USART3_CTS, TIM1_CH1N,
CAN2_TX,
OTG_HS_ULPI_D6,
ETH_RMII_TXD1,
ETH_MII_TXD1, EVENTOUT
OTG_HS_
VBUS
35 H1 53 75 94 R14
PB14
I/O FT
-
SPI2_MISO, TIM1_CH2N,
TIM12_CH1, OTG_HS_DM
USART3_RTS, TIM8_CH2N,
EVENTOUT
-
36 G1 54 76 95 R15
PB15
I/O FT
-
SPI2_MOSI, I2S2_SD,
TIM1_CH3N, TIM8_CH3N,
TIM12_CH2, OTG_HS_DP,
RTC_50Hz
, EVENTOUT
-
-
-
55 77 96 P15
PD8
I/O FT
-
FSMC_D13, USART3_TX,
EVENTOUT
-
Table 8. STM32F20x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com