Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # 106
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

106 Datasheet(HTML) 8 Page - Pico Technology Ltd.

Back Button 106 Datasheet HTML 4Page - Pico Technology Ltd. 106 Datasheet HTML 5Page - Pico Technology Ltd. 106 Datasheet HTML 6Page - Pico Technology Ltd. 106 Datasheet HTML 7Page - Pico Technology Ltd. 106 Datasheet HTML 8Page - Pico Technology Ltd. 106 Datasheet HTML 9Page - Pico Technology Ltd. 106 Datasheet HTML 10Page - Pico Technology Ltd. 106 Datasheet HTML 11Page - Pico Technology Ltd. 106 Datasheet HTML 12Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Reference plane extension
Reference plane extension (offset) allows you to shift the measurement reference plane
away from the point established during calibration. This is useful in removing the path
length of assumed ideal interconnecting , connectors cables or microstrip lines from
measurements. PicoVNA 2 software allows independent reference plane extensions
on each of the measurement parameters (S
11, S22, S12 or S21), either as an automatic
re-reference or by manual entry. Independent extensions allow, for example, different
extensions on the two ports for S
11 and S22 and then thru-line normalization for S21 and
S
12 transmission comparison with equivalent length thru-line.
Supported calibrations
The PicoVNA 2 software supports a comprehensive range of calibration modes to
address single or dual-port workload with male, female or mixed gender interfaces,
all with best achievable accuracy (least uncertainty). In some instances only a single
calibration kit may be required, as outlined in the tables above.
As you would expect, the Pico calibration kits are individually serial-numbered and
supplied with S-parameter data. This standard-form data is a traceable and accurate
record of measured errors for the calibration kit. It can be loaded into the software,
which will correct for these errors and those of the instrument during a calibration.
Alternatively, you can use a third-party calibration kit and its data, or you can enter its
electrical length, parasitic values and polynomial coefficients into the software if these
are supplied rather than a profile data set.
As for any vector network analyzer, for best accuracy a calibration is performed before
a measurement with the same sweep span and frequency steps as the measurement.
If, however, a change of sweep settings is necessary for a measurement, the PicoVNA 2
software will for convenience interpolate its corrections to the new sweep settings.
An enhanced isolation calibration setting is available for optimum dynamic range when
using resolution bandwidths below around 1 kHz.
After calibration
ref plane is here
For the measurement we want
the ref plane to be here
Actual device
to be tested
DUT on microstrip test jig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com