Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4230 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4230
Description  High Power Infrared Emitter (850 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4230 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4230 Datasheet HTML 1Page - OSRAM GmbH SFH4230 Datasheet HTML 2Page - OSRAM GmbH SFH4230 Datasheet HTML 3Page - OSRAM GmbH SFH4230 Datasheet HTML 4Page - OSRAM GmbH SFH4230 Datasheet HTML 5Page - OSRAM GmbH SFH4230 Datasheet HTML 6Page - OSRAM GmbH SFH4230 Datasheet HTML 7Page - OSRAM GmbH SFH4230 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2007-03-29
6
SFH 4230
Maßzeichnung
1)
Package Outlines
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.2 g
Gurtung / Polarität und Lage
Verpackungseinheit 800/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
Packing unit 800/reel, ø180 mm
1)
Maße in mm (inch) / Dimensions in mm (inch)
GPLY6192
6.2 (0.244)
5.8 (0.228)
1.9 (0.075)
1.7 (0.067)
Cathode
R1.5 (0.059)
0...0.1 (0.004)
0.29 (0.011)
0.24 (0.009)
1.0 (0.039)
0.8 (0.031)
1.6 (0.063)
2.0 (0.079)
Protection
Heat sink
A
C
Diode
OHAY0508
1.55 (0.061)
2 (0.079)
4 (0.157)
6.35 (0.250)
8 (0.315)
0.3 (0.012)
0.3 (0.012)
1.9 (0.075)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com