Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R274-R274N-0576 Datasheet(PDF) 4 Page - GIACOMINI WATER E-MOTION

Part # R274-R274N-0576
Description  6-way zone valves
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R274-R274N-0576 Datasheet(HTML) 4 Page - GIACOMINI WATER E-MOTION

  R274-R274N-0576 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 8Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Valve opening diagram
REFERENCE
IN THE GRAPHIC
STEM ANGLE
OPENING
PERCENTAGE
ACTION
A
0°÷15°
100 %
SOURCE 2
CLOSED
SOURCE 1
OPENED
USAGE
POINT
SOURCE 2
OPENED
SOURCE 1
CLOSED
USAGE
POINT
SOURCE 2
CLOSED
SOURCE 1
CLOSED
USAGE
POINT
B’
40°÷50°
0 %
SOURCE 2
CLOSED
SOURCE 1
OPENED
USAGE
POINT
SOURCE 2
OPENED
SOURCE 1
CLOSED
USAGE
POINT
SOURCE 2
CLOSED
SOURCE 1
CLOSED
USAGE
POINT
B’’
30°÷60°
0 %
B
75°÷90°
100 %
SOURCE 2
CLOSED
SOURCE 1
OPENED
USAGE
POINT
SOURCE 2
OPENED
SOURCE 1
CLOSED
USAGE
POINT
SOURCE 2
CLOSED
SOURCE 1
CLOSED
USAGE
POINT
STEM POSITION
Source 1 opened
Source 2 opened
OFF / closed
Stem angle
0°
15°
75°
40°
50° 55°
45°
90°
100
0
A
B’
C
Overpressure
protection system
R274Y045, R274Y145, R274Y023, R274Y024, R274Y025 (1”)
STEM POSITION
Source 1 opened
Source 2 opened
OFF / closed
Stem angle
0°
15°
75°
30°
60°
55°
45°
90°
100
0
A
B’’
C
Overpressure
protection system
R274Y033, R274Y133 (1/2”)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com