| Electronic Components Datasheet Search |
|
ATH.-7/U Datasheet(PDF) 8 Page - JUMO UK LTD |
|
|
|||||||||||||||||||||||||||||
ATH.-7/U Datasheet(HTML) 8 Page - JUMO UK LTD |
|
8 / 10 page ![]() M. K. JUCHHEIM GmbH & Co • 36035 Fulda, Germany Data Sheet 60.3021 Page 8/10 10.03/00073225 Stock items with rigid stem Safety temperature monitor STW (STB) (delivery 3 working days after receipt of order) Safety temperature limiter (STB) (delivery 3 working days after receipt of order) Stock items with capillary Temperature controller (TR) (delivery 3 working days after receipt of order) Temperature monitor (TW) (delivery 3 working days after receipt of order) * model is being phased out Sales No. Type Control /limit range °C Differential % Process connection Immersion tube dia. x length mm 60/60001478 ATHs-20 +20 to +150 4-6 U G1/2 8x150 60/60000188 ATHs-20 +50 to +300 4-6 UZ G1/2 8x200 60/60002217 ATHs-20 +50 to +350 4-6 EZS G3/4 170 60/60000885 ATHs-20 +20 to +500 7 UZO G1/2 200 Sales No. Type Control /limit range °C Differential % Process connection Immersion tube dia. x length mm 60/60000982 ATHs-70 + 30 to +110 —— U G1/2 8x150 60/60001043 ATHs-70 + 30 to +110 —— U G1/2 8x200 60/60000189 ATHs-70 + 30 to +110 —— U G1/2 8x300 60/60001044 ATHs-70 + 60 to +130 —— U G1/2 8x150 60/60000190 ATHs-70 + 60 to +130 —— U G1/2 8x200 60/60001020 ATHs-70 + 20 to +150 —— U G1/2 8x200 60/60000120 ATHs-70 +130 to +200 —— UZ G1/2 8x150 60/60001042 ATHs-70 +130 to +200 —— UZ G1/2 8x300 60/60001132 ATHs-70 + 50 to +300 —— UZ G1/2 8x200 60/60001524 ATHs-70/U + 30 to +110 —— U G1/2 8x150 60/60001522 ATHs-70/U + 20 to +150 —— U G1/2 8x200 60/60001523 ATHs-70/U + 50 to +300 —— UZ G1/2 8x200 60/60002218 ATHs-70/U + 50 to +350 —— EZS G3/4 170 60/60000884 ATHs-70/U + 20 to +500 —— UZO G1/2 200 60/60002121 ATHs-70/U + 20 to +500 —— UZ G1/2 8x200 Sales No. Type Control /limit range °C Differential % Capillary mm Process connection Probe dia. x length mm 60/60001134 ATHf-1 –10 to +040 3-4 1000 A 6 x185 60/60000477 ATHf-1 +20to+050 3-4 1000 A 6 x185 60/60001193 ATHf-1 +20 to +090 3-4 1000 A 6 x138 60/60001004 ATHf-1 +20 to +100 3-4 1000 A 6 x107 60/60000955 ATHf-1 +20 to +150 3-4 1000 A 6x 88 60/60001133 ATHf-1 +50 to +300 3-4 1000 A 6x 63 60/60002113 ATHf-1 +20 to +500 5 1000 A 6 x148 Sales No. Type Control /limit range °C Differential % Capillary mm Process connection Probe dia. x length mm 60/60000482 ATHf-2 +00to+050 3-4 1000 A 6 x185 60/60001192 ATHf-2 +00to+050 3-4 2000 A 6 x185 60/60000965 ATHf-2 +20 to +090 3-4 1000 A 6 x138 60/60001211* ATHf-2 +20 to +090 3-4 2000 A 6 x138 60/60000962 ATHf-2 +00 to +100 3-4 1000 A 6 x107 60/60001212 ATHf-2 +00 to +100 3-4 2000 A 6 x107 60/60000963 ATHf-2 +20 to +150 3-4 1000 A 6x 88 60/60001210 ATHf-2 +20 to +150 3-4 2000 A 6x 88 60/60000187 ATHf-2 +50 to +200 3-4 1000 A 6 x101 60/60001209 ATHf-2 +50 to +200 3-4 2000 A 6 x101 60/60001038 ATHf-2 +50 to +300 3-4 1000 A 6x 63 60/60001208 ATHf-2 +50 to +300 3-4 2000 A 6x 63 60/60002122 ATHf-2 +20 to +500 5 1000 A 6 x148 60/60002114 ATHf-2 +20 to +500 5 2000 A 6 x148 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |