Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC16244ADLR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC16244ADLR
Description  SN74LVC16244A 16-Bit Buffer/Driver With 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC16244ADLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC16244ADLR Datasheet HTML 9Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 10Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 11Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 12Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 13Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 14Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 15Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 16Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
Frequency - MHz
0
10
20
30
40
50
60
0
50
100
150
200
250
300
D003
ICC 1.8 V
ICC 2.5 V
ICC 3.3 V
SN74LVC16244A
www.ti.com
SCAS699C – AUGUST 2003 – REVISED JUNE 2014
Typical Application (continued)
10.2.3 Application Curves
Figure 5. ICC vs Frequency
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1
μf is recommended; if there are multiple VCC pins, then 0.01 μf or 0.022 μf is recommended for each
power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1
μf and a
1
μf are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
12 Layout
12.1 Layout Guidelines
When using multiple-bit logic devices, inputs should never float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not be
left unconnected because the undefined voltages at the outside connections result in undefined operational
states. Figure 6 specifies the rules that must be observed under all circumstances. All unused inputs of digital
logic devices must be connected to a high or low bias to prevent them from floating. The logic level that should
be applied to any particular unused input depends on the function of the device. Generally they will be tied to
GND or VCC, whichever makes more sense or is more convenient. It is generally acceptable to float outputs,
unless the part is a transceiver. If the transceiver has an output enable pin, it will disable the output section of the
part when asserted. This will not disable the input section of the I/Os, so they cannot float when disabled.
12.2 Layout Example
Figure 6. Layout Diagram
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SN74LVC16244A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com