Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TT7501 Datasheet(PDF) 4 Page - TT Electronics.

Part # TT7501
Description  Field Mounted HART Temperature Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TT7501 Datasheet(HTML) 4 Page - TT Electronics.

  TT7501 Datasheet HTML 1Page - TT Electronics. TT7501 Datasheet HTML 2Page - TT Electronics. TT7501 Datasheet HTML 3Page - TT Electronics. TT7501 Datasheet HTML 4Page - TT Electronics. TT7501 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Field Mounted HART Temperature
Transmitter
TT7501
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
04/2019 Page 4
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Response time Continued...
Accuracy
Better than 0.05% of selected range
Signal dynamics, input
22 bit
Signal dynamics, output
16 bit
EMC immunity influence
< ±0.1% of span
Extended EMC immunity: NAMUR NE21, A criterion, burst
< ±1% of span
RTD input
RTD type
Pt50/100/200/500/1000; Ni50/100/120/1000
Cable resistance per wire (max.)
5 Ω (up to 50 Ω per wire is possible with reduced measurement
accuracy
Sensor current
Nom. 0.2 mA
Linear resistance input
Linear resistance min...max
0 Ω… 7000 Ω
TC input
Thermocouple type
B, E, J, K, L, N, R, S, T, U, W3, W5, LR
Cold junction compensation (CJC)
Constant, internal or external via a Pt100 or Ni100 sensor
Voltage input
Measurement range
-800… +800 mV
Min. measurement range (span)
2.5 mV
Input resistance
10 MΩ
Input Specifications
Common input specifications
Max. offset
50% of selected max. value



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com