Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U415 Datasheet(PDF) 3 Page - TT Electronics.

Part # U415
Description  Vitreous Enamelled Heavy Duty Tapewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

U415 Datasheet(HTML) 3 Page - TT Electronics.

  U415 Datasheet HTML 1Page - TT Electronics. U415 Datasheet HTML 2Page - TT Electronics. U415 Datasheet HTML 3Page - TT Electronics. U415 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Vitreous Enamelled Heavy
Duty Tapewound Resistors
U400 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
129
Issue D · 08.04
Welwyn Components
Application Notes
The recommended dissipation for the resistor hot spot
temperature applies to resistors mounted horizontally. If the
bore is completely blocked a 15% derating is recommended.
However, wherever possible, resistors should be mounted
vertically with unobstructed bore and under these conditions
can be up-rated by 10%. This makes best use of the chimney
effect of the heated tube and will encourage a cooling system
of air through the bore. Appreciable reduction of hot spot
temperature can be achieved by arranging that resistors are
subjected to some measure of forced draught. In general, it is
effective to extract air from the resistor enclosure and arrange
that an air inlet is adjacent to the bottom of the tubes.
Ordering Procedure
Specify the type reference and quantity in units.
Mounting Devices
MD5 and 6 have an ear formed in the bottom surface of the
bracket to prevent rotation on the mounting plate. The
auxiliary locking springs ensure positive retention of the tube
under severe mechanical shock conditions. See figure 8.
Ordering Procedure
Mounting clips (and auxiliary locking springs, when required):
specify the type reference and quantity in units.
Mounting Clip dimensions (mm) Fig. 8
Auxiliary
locking
Resistor
Bracket
A
B
C
D
E
F
G
H
J
K
spring
ref.
type
nom.
max
nom.
max
max
max
±0.2
dia
dia
nom
ref
U414
MD3, MD6
120
141
49
33
32.0
19.0
6.4
4.0
6.3
9.5
MD18
U415
MD3, MD6
170
191
49
33
32.0
19.0
6.4
4.0
6.3
9.5
MD18
U416
MD3, MD6
234
255
49
33
32.0
19.0
6.4
4.0
6.3
9.5
MD18
U417
MD3, MD6
285
306
49
33
32.0
19.0
6.4
4.0
6.3
9.5
MD18
Mounting bracket dimensions (mm) Fig. 7
Resistor
Bracket
A
B
C
D
E
ref.
type
nom.
nom.
max
max
nom
U412
MD42
70
81
20
25
5.2
U413
MD42
133
144
20
25
5.2
U414
MD43
124
140
28
30
5.2
U415
MD43
174
190
28
30
5.2
U416
MD43
238
255
28
30
5.2
U417
MD43
290
306
28
30
5.2
U400_D.qxd
8/9/04
4:55 PM
Page 3
OBSOLETE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com