Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLPL90 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPLPL90
Description  Pulsed Laser Diode in Plastic Package 4 W Peak Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 4 Page - OSRAM GmbH

  SPLPL90_0 Datasheet HTML 1Page - OSRAM GmbH SPLPL90_0 Datasheet HTML 2Page - OSRAM GmbH SPLPL90_0 Datasheet HTML 3Page - OSRAM GmbH SPLPL90_0 Datasheet HTML 4Page - OSRAM GmbH SPLPL90_0 Datasheet HTML 5Page - OSRAM GmbH SPLPL90_0 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPL PL90_0
2007-04-16
4
Optical output power
P
opt and forward voltage
V
F vs. forward current IF (TA = 25 °C)
Far-field distribution parallel to junction
I
rel vs.
θ(T
A = 25 °C, Popt = 0.3 W)
Optical spectrum, relative intensity
I
rel vs.
Wavelength
λ (T
A = 25 °C, Popt = 0.3 W)
Far-field distribution perpendicular to junction
I
rel vs. θ
(TA = 25 °C, Popt = 0.3 W)
0
0
VF
IF
OHL00748
0
Popt
W
A
1
2
2
4
3
6
4
8
5
10
V
1
2
3
4
5
6
7
8
Deg
-30
θ
0.25
0
0.50
0.75
I
rel
1.00
OHL00749
-20
-10
0
10
30
880
0
λ
OHF00565
890
900
910
920
0.25
0.50
0.75
1.00
I
rel
nm
OHL00753
0
-40
0.25
0.50
0.75
1.00
Deg
I
rel
θ
-30 -20 -10
0
10 20
40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com