Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207IGH7 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F207IGH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207IGH7 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F207IGH7 Datasheet HTML 73Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 74Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 75Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 76Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 77Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 78Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 79Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 80Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 184 page
background image
DocID15818 Rev 15
77/184
STM32F20xxx
Electrical characteristics
183
6.3.5
Embedded reset and power control block characteristics
The parameters given in Table 19 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 14.
Table 19. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising
edge)
2.09
2.14
2.19
V
PLS[2:0]=000 (falling
edge)
1.98
2.04
2.08
V
PLS[2:0]=001 (rising
edge)
2.23
2.30
2.37
V
PLS[2:0]=001 (falling
edge)
2.13
2.19
2.25
V
PLS[2:0]=010 (rising
edge)
2.39
2.45
2.51
V
PLS[2:0]=010 (falling
edge)
2.29
2.35
2.39
V
PLS[2:0]=011 (rising edge)
2.54
2.60
2.65
V
PLS[2:0]=011 (falling
edge)
2.44
2.51
2.56
V
PLS[2:0]=100 (rising
edge)
2.70
2.76
2.82
V
PLS[2:0]=100 (falling
edge)
2.59
2.66
2.71
V
PLS[2:0]=101 (rising
edge)
2.86
2.93
2.99
V
PLS[2:0]=101 (falling
edge)
2.65
2.84
3.02
V
PLS[2:0]=110 (rising edge)
2.96
3.03
3.10
V
PLS[2:0]=110 (falling
edge)
2.85
2.93
2.99
V
PLS[2:0]=111 (rising edge)
3.07
3.14
3.21
V
PLS[2:0]=111 (falling
edge)
2.95
3.03
3.09
V
VPVDhyst(1)
PVD hysteresis
-
-
100
-
mV
VPOR/PDR
Power-on/power-down
reset threshold
Falling edge
1.60
1.68
1.76
V
Rising edge
1.64
1.72
1.80
V
VPDRhyst(1)
PDR hysteresis
-
-
40
-
mV
VBOR1
Brownout level 1
threshold
Falling edge
2.13
2.19
2.24
V
Rising edge
2.23
2.29
2.33
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com