Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207IGH7 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F207IGH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207IGH7 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F207IGH7 Datasheet HTML 116Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 117Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 118Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 119Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 120Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 121Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 122Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 123Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 184 page
background image
Electrical characteristics
STM32F20xxx
120/184
DocID15818 Rev 15
USB OTG FS characteristics
The USB OTG interface is USB-IF certified (Full-Speed). This interface is present in both the
USB OTG HS and USB OTG FS controllers.
Table 56. USB OTG FS startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Guaranteed by design, not tested in production.
USB OTG FS transceiver startup time
1
µs
Table 57. USB OTG FS DC electrical characteristics
Symbol
Parameter
Conditions
Min(1)
1. All the voltages are measured from the local ground potential.
Typ Max(1) Unit
Input
levels
VDD
USB OTG FS operating
voltage
3.0(2)
2. The STM32F205xx and STM32F207xx USB OTG FS functionality is ensured down to 2.7 V but not the full
USB OTG FS electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
-3.6
V
VDI(3)
3. Guaranteed by design, not tested in production.
Differential input sensitivity
I(USB_FS_DP/DM,
USB_HS_DP/DM)
0.2
-
-
V
VCM(3)
Differential common mode
range
Includes VDI range
0.8
-
2.5
VSE(3)
Single ended receiver
threshold
1.3
-
2.0
Output
levels
VOL Static output level low
RL of 1.5 kΩ to 3.6 V(4)
4. RL is the load connected on the USB OTG FS drivers
--
0.3
V
VOH Static output level high
RL of 15 kΩ to VSS(4)
2.8
-
3.6
RPD
PA11, PA12, PB14, PB15
(USB_FS_DP/DM,
USB_HS_DP/DM)
VIN = VDD
17
21
24
k
Ω
PA9, PB13
(OTG_FS_VBUS,
OTG_HS_VBUS)
0.65
1.1
2.0
RPU
PA12, PB15 (USB_FS_DP,
USB_HS_DP)
VIN = VSS
1.5
1.8
2.1
PA9, PB13
(OTG_FS_VBUS,
OTG_HS_VBUS)
VIN = VSS
0.25
0.37
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com