Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207IGH7 Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32F207IGH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207IGH7 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32F207IGH7 Datasheet HTML 133Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 134Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 135Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 136Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 137Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 138Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 139Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 140Page - STMicroelectronics STM32F207IGH7 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 184 page
background image
DocID15818 Rev 15
137/184
STM32F20xxx
Electrical characteristics
183
Synchronous waveforms and timings
Figure 61 through Figure 64 represent synchronous waveforms, and Table 77 through
Table 79 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
•
BurstAccessMode = FSMC_BurstAccessMode_Enable;
•
MemoryType = FSMC_MemoryType_CRAM;
•
WriteBurst = FSMC_WriteBurst_Enable;
•
CLKDivision = 1; (0 is not supported, see the STM32F20xxx/21xxx reference manual)
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
In all timing tables, the THCLK is the HCLK clock period.
th(A_NWE)
Address hold time after FSMC_NWE high
THCLK– 0.5
-
ns
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
THCLK- 1
-
ns
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
0.5
ns
tv(Data_NADV)
FSMC_NADV high to Data valid
-
THCLK+2
ns
th(Data_NWE)
Data hold time after FSMC_NWE high
THCLK– 0.5
-
ns
1. CL = 30 pF.
2. Guaranteed by characterization results, not tested in production.
Table 75. Asynchronous multiplexed PSRAM/NOR write timings(1)(2) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com