Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

520 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 520
Description  Blank SMT Storage Book
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

520 Datasheet(HTML) 2 Page - Adafruit Industries

  520 Datasheet HTML 1Page - Adafruit Industries 520 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
This cute hard-covered booklet will make storing your SMT parts a breeze with
translucent flip-pages that are designed for keeping taped parts. The book has 20
pages, 19 of them are for 8mm tape (the most common size of tape by far) and 1
page is for 24mm or smaller tape. Each page has multiple 'slots' that you can slide
your tape into. The slots are about 3.5" long, and there are 12 per 8mm page and 6
on the 24mm page.
Its easy to slide parts in due to the flexible pages, and you can even write with a
sharpie marker onto the slots to help identify the tiny components. These are
essentially the 'blank' version of our popular 0805/0603 resistor & capacitor books
(http://www.adafruit.com/products/441)
Page 2 of 2
2/23/2015
http://www.adafruit.com/product/520



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com