Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN260 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 28Page - STMicroelectronics SN260 Datasheet HTML 29Page - STMicroelectronics SN260 Datasheet HTML 30Page - STMicroelectronics SN260 Datasheet HTML 31Page - STMicroelectronics SN260 Datasheet HTML 32Page - STMicroelectronics SN260 Datasheet HTML 33Page - STMicroelectronics SN260 Datasheet HTML 34Page - STMicroelectronics SN260 Datasheet HTML 35Page - STMicroelectronics SN260 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
SPI protocol
SN260
32/88
6.7.4
Three-part transaction: Wake, Get Version, Stack Status Callback
Figure 11.
Timing diagram of the three-part transaction
1.
Activate nWAKE and activate timeout timer.
2.
SN260 wakes up (if not already) awake and enables communication.
3.
nHOST_INT asserts, indicating the SN260 can accept commands.
4.
Host sees nHOST_INT activation within 10ms and deactivates nWAKE and timeout
timer.
5.
nHOST_INT de-asserts immediately after nWAKE.
6.
Activate Slave Select.
7.
Transmit the Command 0x0A - SPI Protocol Version Request.
8.
Transmit the Frame Terminator, 0xA7.
9.
Wait for nHOST_INT to assert.
10. Transmit and receive 0xFF until a byte other than 0xFF is received.
11. Receive response 0x81 (a byte other than 0xFF), then receive the Frame Terminator,
0xA7
.
12. Bit 7 is always set and bit 6 is always cleared in the Version Response, so this is
Version 1.
13. Deactivate Slave Select.
14. Host begins timing the inter-command spacing of 1ms in preparation for sending the
next command.
15. nHOST_INT asserts shortly after deactivating Slave Select, indicating a callback.
16. Host sees nHOST_INT, but waits for the 1ms before responding.
17. Activate Slave Select.
18. Transmit the command:
0xFE
: SPI Byte indicating an EZSP Frame
0x02
: Length Byte showing the EZSP Frame is 2 bytes long
0x00
: EZSP Frame Control Byte indicating a command with no sleeping
0x06
: EZSP Frame Type Byte indicating the callback command
0xA7
: Frame Terminator
19. Wait for nHOST_INT to assert.
20. Transmit and receive 0xFF until a byte other than 0xFF is received.
21. Receive response 0xFE (a byte other than 0xFF), read the next byte for a length.
22. Stop transmitting after the number of bytes (length) is received plus the Frame
Terminator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com