| Electronic Components Datasheet Search |
|
74VHC174M Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74VHC174M Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() DYNAMIC SWITCHING CHARACTERISTICS Symb ol Parameter T est Cond ition s Val ue Un it VCC (V) TA =25 oC -40 to 85 oC Min. Typ . Max. Min . Max. VOLP Dynamic Low Voltage Quiet Output (note 1, 2) 5.0 CL =50 pF 0.3 0.8 V VOLV -0.8 -0.3 VIHD Dynamic High Voltage Input (note 1, 3) 5.0 3.5 VILD Dynamic Low Voltage Input (note 1, 3) 5.0 1.5 1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n -1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz. TEST CIRCUIT CL = 15/50 pF or equivalent (includes jig and probe capacitance) RT =ZOUT of pulse generator (typically 50 Ω) 74VHC174 5/10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |