Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT62F-2M3 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # CLT62F-2M3
Description  ELECTRICAL SOLUTIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CLT62F-2M3 Datasheet(HTML) 3 Page - PANDUIT CORP.

  CLT62F-2M3 Datasheet HTML 1Page - PANDUIT CORP. CLT62F-2M3 Datasheet HTML 2Page - PANDUIT CORP. CLT62F-2M3 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
mm
In.
mm
In.
m
Ft.
Std.
Pkg.
Qty.*
Temperature
Range
Outside
Diameter
Inside
Diameter
Length
Per Reel
Color
Material
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
*Reel packaging may contain splices. Contact Panduit Customer Service for further information.
Corrugated Loom Tubing – Slit (continued)
Nylon Slit
CLT25N-C630
Heat Stabilized
Nylon 6
Black
100
30.5
0.28
7.0
0.40
10.1
-40°F – 230°F (-40°C – 110°C)
1
CLT25N-10M630
Heat Stabilized
Nylon 6
Black
10,000
3048.0
0.28
7.0
0.40
10.1
-40°F – 230°F (-40°C – 110°C)
1
CLT35N-C630
Heat Stabilized
Nylon 6
Black
100
30.5
0.35
8.9
0.50
12.7
-40°F – 230°F (-40°C – 110°C)
1
CLT38N-C630
Heat Stabilized
Nylon 6
Black
100
30.5
0.42
10.5
0.56
14.1
-40°F – 230°F (-40°C – 110°C)
1
CLT38N-5M630
Heat Stabilized
Nylon 6
Black
5,000
1524.0
0.42
10.5
0.56
14.1
-40°F – 230°F (-40°C – 110°C)
1
CLT50N-C630
Heat Stabilized
Nylon 6
Black
100
30.5
0.51
12.8
0.67
17.0
-40°F – 230°F (-40°C – 110°C)
1
CLT50N-4M630
Heat Stabilized
Nylon 6
Black
4,000
1219.2
0.51
12.8
0.67
17.0
-40°F – 230°F (-40°C – 110°C)
1
CLT62N-C630
Heat Stabilized
Nylon 6
Black
100
30.5
0.65
16.5
0.83
20.7
-40°F – 230°F (-40°C – 110°C)
1
CLT62N-2.5M630
Heat Stabilized
Nylon 6
Black
2,500
762.0
0.65
16.5
0.82
20.7
-40°F – 230°F (-40°C – 110°C)
1
CLT75N-C630
Heat Stabilized
Nylon 6
Black
100
30.5
0.76
19.3
0.94
23.8
-40°F – 230°F (-40°C – 110°C)
1
CLT75N-2M630
Heat Stabilized
Nylon 6
Black
2,000
609.6
0.76
19.3
0.94
23.8
-40°F – 230°F (-40°C – 110°C)
1
CLT100N-C630
Heat Stabilized
Nylon 6
Black
100
30.5
0.92
23.2
1.09
27.7
-40°F – 230°F (-40°C – 110°C)
1
CLT100N-125M630
Heat Stabilized
Nylon 6
Black
1,250
381.0
0.92
23.2
1.09
27.7
-40°F – 230°F (-40°C – 110°C)
1
CLT125N-L630
Heat Stabilized
Nylon 6
Black
50
15.2
1.29
32.8
1.50
38.1
-40°F – 230°F (-40°C – 110°C)
1
CLT125N-.75M630
Heat Stabilized
Nylon 6
Black
750
228.6
1.29
32.8
1.50
38.1
-40°F – 230°F (-40°C – 110°C)
1
CLT150N-D630
Heat Stabilized
Nylon 6
Black
500
152.4
1.48
37.6
1.73
43.9
-40°F – 230°F (-40°C – 110°C)
1
CLT188N-6C630
Heat Stabilized
Nylon 6
Black
600
183.0
1.88
47.8
2.17
55.1
-40°F – 230°F (-40°C – 110°C)
1
Nylon Solid
CLTS25N-C
Heat Stabilized
Nylon 6
Black
100
30.5
0.28
7.0
0.40
10.1
-40°F – 230°F (-40°C – 110°C)
1
CLTS25N-10M
Heat Stabilized
Nylon 6
Black
10,000
3048.0
0.28
7.0
0.40
10.1
-40°F – 230°F (-40°C – 110°C)
1
CLTS35N-C
Heat Stabilized
Nylon 6
Black
100
30.5
0.35
8.9
0.50
12.7
-40°F – 230°F (-40°C – 110°C)
1
CLTS38N-C
Heat Stabilized
Nylon 6
Black
100
30.5
0.42
10.5
0.56
14.1
-40°F – 230°F (-40°C – 110°C)
1
CLTS50N-C
Heat Stabilized
Nylon 6
Black
100
30.5
0.51
12.8
0.67
17.0
-40°F – 230°F (-40°C – 110°C)
1
CLTS62N-C
Heat Stabilized
Nylon 6
Black
100
30.5
0.65
16.5
0.82
20.7
-40°F – 230°F (-40°C – 110°C)
1
CLTS75N-C
Heat Stabilized
Nylon 6
Black
100
30.5
0.76
19.3
0.94
23.8
-40°F – 230°F (-40°C – 110°C)
1
CLTS75N-2M
Heat Stabilized
Nylon 6
Black
2,000
609.6
0.76
19.3
0.94
23.8
-40°F – 230°F (-40°C – 110°C)
1
CLTS100N-C
Heat Stabilized
Nylon 6
Black
100
30.5
0.92
23.2
1.09
27.7
-40°F – 230°F (-40°C – 110°C)
1
CLTS125N-L
Heat Stabilized
Nylon 6
Black
50
15.2
1.29
32.8
1.50
38.1
-40°F – 230°F (-40°C – 110°C)
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com